Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search

87369-0300 - Header Connector,Cable Mnt,PLUG,3 Contacts,0.079 Pitch RoHS Compliant: Yes 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:5; Pitch Spacing:2mm; No. of Rows:5; Series:89400; Connector Body Material:Thermoplastic; Mounting Type:PC Board; Terminal Type:Straight Pin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 873690900 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2MM W/B STR HDR 894000920 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2MM W/B STR HDR 894001520 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2.00MM HDER W/B STRAIGHT 894000611 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

87369-0300_4235475.PDF Datasheet

 
Part No. 87369-0300 89400-0520 87369-1300 87369-0900 89400-0920 89400-1520 87369-1100 89400-0611
Description Header Connector,Cable Mnt,PLUG,3 Contacts,0.079 Pitch RoHS Compliant: Yes 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
Header; No. of Contacts:5; Pitch Spacing:2mm; No. of Rows:5; Series:89400; Connector Body Material:Thermoplastic; Mounting Type:PC Board; Terminal Type:Straight Pin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
2mm WtB Rcpt Hsg Nyl Nat 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
873690900 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
2MM W/B STR HDR 894000920 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
2MM W/B STR HDR 894001520 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
2mm WtB Rcpt Hsg Nyl Nat 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
2.00MM HDER W/B STRAIGHT 894000611 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

File Size 72.13K  /  1 Page  

Maker

Molex, Inc.



Homepage
Download [ ]
[ 87369-0300 89400-0520 87369-1300 87369-0900 89400-0920 89400-1520 87369-1100 89400-0611 Datasheet PDF Downlaod from Datasheet.HK ]
[87369-0300 89400-0520 87369-1300 87369-0900 89400-0920 89400-1520 87369-1100 89400-0611 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for 87369-0300 ]

[ Price & Availability of 87369-0300 by FindChips.com ]

 Full text search : Header Connector,Cable Mnt,PLUG,3 Contacts,0.079 Pitch RoHS Compliant: Yes 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:5; Pitch Spacing:2mm; No. of Rows:5; Series:89400; Connector Body Material:Thermoplastic; Mounting Type:PC Board; Terminal Type:Straight Pin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 873690900 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2MM W/B STR HDR 894000920 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2MM W/B STR HDR 894001520 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2.00MM HDER W/B STRAIGHT 894000611 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER


 Related Part Number
PART Description Maker
349-10-103-00-560000 Interconnect Header.100 Grid; Surface Mount Pin Header
Mill-Max Mfg. Corp.
829-22-010-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-009-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-012-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-015-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-017-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-020-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
74712-5007 0747125007 6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits, Short Tail, Without Packaging Header
Molex Electronics Ltd.
860-10-050-10-002000 Interconnect Header 1mm Grid; Straight Pin Header
Mill-Max Mfg. Corp.
0554011019 2.54mm (.100) Pitch QF-50 Flat Ribbon Cable Header, Dual Row, Vertical,Shrouded Header with Eject Levers, 10 Circuits, Lead-free
MOLEX Connector
Molex Electronics Ltd.
192990-3270 192990-3330 192990-0380 192990-3280 19 SOCKET PCB 6 WAY
SOCKET PANEL 4 WAY
PLUG FREE 6 WAY
STRAIN RELIEF 4 WAY
PLUG PCB 36 WAY
PLUG FREE 9 WAY
PLUG FREE 3 WAY
PLUG FREE 4 WAY
SOCKET PCB 2 WAY
HEADER R/A 4 WAY
Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output
STRAIN RELIEF 6 WAY
STRAIN RELIEF 24 WAY
SOCKET PCB 4 WAY
HEADER R/A 9 WAY
SOCKET PCB 12 WAY
PLUG PCB 6 WAY
STRAIN RELIEF 12 WAY
PLUG FREE 24 WAY
HEADER 9 WAY
SOCKET PCB 3 WAY
HEADER R/A 3 WAY
SOCKET PANEL 6 WAY
HEADER R/A 6 WAY
HEADER 6 WAY
插头2种方
PLUG FREE 10 WAY 插头免费10未来
SOCKET PCB 36 WAY 插座36未来
PLUG FREE 36 WAY 插头免费36未来
PLUG FREE 2 WAY 插头免费2种方
STRAIN RELIEF 3 WAY 应变消除3未来
PLUG PCB 24 WAY 插头24
SOCKET PANEL 3 WAY 插座面板3未来
PLUG PCB 12 WAY 插头2未来
SOCKET PANEL 24 WAY 插座面板24
SOCKET PANEL 12 WAY
Honeywell International, Inc.
TE Connectivity, Ltd.
ITT, Corp.
Molex, Inc.
0554015039 2.54mm (.100) Pitch QF-50 Flat Ribbon Cable Header, Dual Row, VerticalShrouded Header with Eject Levers, 50 Circuits, Central MatingKey, Lead-free
MOLEX Connector
Molex Electronics Ltd.
 
 Related keyword From Full Text Search System
87369-0300 查ic资料 87369-0300 器件参数 87369-0300 中文网站 87369-0300 protection 87369-0300 international
87369-0300 microprocessor 87369-0300 module 87369-0300 lcd 87369-0300 Shunt 87369-0300 download
 

 

Price & Availability of 87369-0300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.38212394714355